PART |
Description |
Maker |
CL31A106KOHNNNE |
Multi Layer Ceramic Capacitor
|
Samsung
|
CL21B103KBANNNC |
Multi Layer Ceramic Capacitor
|
Samsung semiconductor
|
MCCA000483 MCCA000269 |
Multi Layer Ceramic Capacitor
|
List of Unclassifed Manufacturers List of Unclassifed Man...
|
CL10A105KO8NNNC |
Multi Layer Ceramic Capacitor (MLCC)
|
Samsung semiconductor
|
CL31A476MPHNNNE |
Multi Layer Ceramic Capacitor (MLCC)
|
Samsung semiconductor
|
CL05B103KB5NNNC |
Multi Layer Ceramic Capacitor (MLCC)
|
Samsung semiconductor
|
CL21B223KBANNNC |
Multi Layer Ceramic Capacitor (MLCC)
|
Samsung semiconductor
|
28LV010RPDE-25 28LV010RT1DE-25 28LV010RT2DE-25 28L |
3.3V 1 Megabit (128K x 8-Bit) EEPROM 3.3V 1 Megabit (128K x 8-Bit) EEPROM 128K X 8 EEPROM 3V, 200 ns, DFP32 3.3V 1 Megabit (128K x 8-Bit) EEPROM 128K X 8 EEPROM 3V, 200 ns, DIP32 3.3V 1 Megabit (128K x 8-Bit) EEPROM 3.3V兆位28K的8位)的EEPROM CAP-ARR 200PF X4 100V 10% NP0(C0G) SMD-0508 PLATED-NI/SN TR-7 1K/REEL CAP ARRAY, 2 X 10NF 50V 0508X7RCAP ARRAY, 2 X 10NF 50V 0508X7R; Capacitance:10nF; Voltage rating, DC:50V; Capacitor dielectric type:Ceramic Multi-Layer; Series:W2A; Tolerance, :10%; Tolerance, -:10%; Temp, op. max:125(degree C); CAP ARRAY, 2 X 22NF 16V 0405X5RCAP ARRAY, 2 X 22NF 16V 0405X5R; Capacitance:22nF; Voltage rating, DC:16V; Capacitor dielectric type:Ceramic Multi-Layer; Series:W1A; Tolerance, :20%; Tolerance, -:20%; Temp, op. max:85(degree C); CAP ARRAY, 2 X 15PF 50V 0405NPOCAP ARRAY, 2 X 15PF 50V 0405NPO; Capacitance:0.015nF; Voltage rating, DC:50V; Capacitor dielectric type:Ceramic Multi-Layer; Series:W1A; Tolerance, :10%; Tolerance, -:10%; Temp, op. max:125(degree C); CAP ARRAY, 2 X 680PF 50V 0405NPOCAP ARRAY, 2 X 680PF 50V 0405NPO; Capacitance:0.68nF; Voltage rating, DC:50V; Capacitor dielectric type:Ceramic Multi-Layer; Series:W1A; Tolerance, :10%; Tolerance, -:10%; Temp, op. max:125(degree C); CAP ARRAY, 4 X 100PF 50V 0508NPOCAP ARRAY, 4 X 100PF 50V 0508NPO; Capacitance:0.1nF; Voltage rating, DC:50V; Capacitor dielectric type:Ceramic Multi-Layer; Series:W2A; Tolerance, :10%; Tolerance, -:10%; Temp, op. max:125(degree C); CAP ARRAY, 2 X 10NF 16V 0405X7RCAP ARRAY, 2 X 10NF 16V 0405X7R; Capacitance:10nF; Voltage rating, DC:16V; Capacitor dielectric type:Ceramic Multi-Layer; Series:W1A; Tolerance, :20%; Tolerance, -:20%; Temp, op. max:125(degree C); Ceramic Capacitor Array; Capacitor Type:Chip Array; Capacitance:22pF; Capacitance Tolerance: /- 10%; Voltage Rating:50VDC; Capacitor Dielectric Material:Multilayer Ceramic; Package/Case:0405; Termination:SMD RoHS Compliant: Yes CAP ARRAY, 2 X 1000PF 50V 0405X7RCAP ARRAY, 2 X 1000PF 50V 0405X7R; Capacitance:1nF; Voltage rating, DC:50V; Capacitor dielectric type:Ceramic Multi-Layer; Series:W1A; Tolerance, :10%; Tolerance, -:10%; Temp, op. max:125(degree C);
|
Maxwell Technologies, Inc
|
DAU01R103M-TA DAF01W103K DAF01R103M DAF01W103M DAF |
CERAMIC MULTI-LAYER AXIAL DA
|
Dubilier
|
W3F45C2218AT1F W3F45C4718AT1F W3F41A4708AT1A |
Ceramic Multilayer Capacitor; Capacitance:220pF; Capacitance Tolerance: 50, -20 %; Working Voltage, DC:50V; Dielectric Characteristic:X7R; Package/Case:1206; Series:W3F; Leaded Process Compatible:Yes 1 FUNCTIONS, 50 V, 0.3 A, FEED THROUGH CAPACITOR Ceramic Multilayer Capacitor; Capacitance:470pF; Capacitance Tolerance: 50, -20 %; Working Voltage, DC:50V; Dielectric Characteristic:X7R; Package/Case:1206; Series:W3F; Leaded Process Compatible:Yes 1 FUNCTIONS, 50 V, 0.3 A, FEED THROUGH CAPACITOR FEEDTHRU CAP ARRAY, 47PF 100VFEEDTHRU CAP ARRAY, 47PF 100V; Capacitance:47pF; Voltage rating, DC:100V; Capacitor dielectric type:Ceramic Multi-Layer; Tolerance, :50%; Tolerance, -:20%; Temp, op. max:125(degree C); Temp, op.
|
AVX, Corp. AVX CORP
|
DSHVT230C101JN DSHVT230C102JN DSHVT230C103JN DSHVT |
SURFACE MOUNT CERAMIC SMD MULTI - LAYER HIGH VOLTAGE DSHV
|
Dubilier
|
CDR11BP100AGYS CDR11BP101AGYS CDR11BP102AGYS CDR11 |
CAPACITOR, CERAMIC, MULTILAYER, 50 V, BP, 0.00001 uF, SURFACE MOUNT CHIP CAPACITOR, CERAMIC, MULTILAYER, 50 V, BP, 0.0001 uF, SURFACE MOUNT CHIP CAPACITOR, CERAMIC, MULTILAYER, 50 V, BP, 0.001 uF, SURFACE MOUNT CHIP CAPACITOR, CERAMIC, MULTILAYER, 50 V, BP, 0.00075 uF, SURFACE MOUNT CHIP CAPACITOR, CERAMIC, MULTILAYER, 50 V, BP, 0.000075 uF, SURFACE MOUNT CHIP CAP 2200PF 50V 5% X7R SMD-1111 WAFFLE-PAK BASE/BARR/SOLDER MICROWAVE R-MIL-PRF-55681 CAPACITOR, CERAMIC, MULTILAYER, 50 V, BP, 0.0022 uF, SURFACE MOUNT
|
AVX, Corp.
|
|